Part Number Hot Search : 
ZMM5228B 2N6507T MC1651 Z86227 ZVN3306F 40680 W27E01 40680
Product Description
Full Text Search
 

To Download 1N53911 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
1N5391 thru 1N5399
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes
PLASTIC SILICON RECTIFIERS
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
A
DO-41
B A
C D
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic Polarity : Color band denotes cathode Weight : 0.012 ounces, 0.34 grams Mounting position : Any
Dim. A B Min. 25.4 4.20 0.70 2.00
DO-41 Max. 5.20 0.90
C 2.70 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
1N 5391 50 35 50 1N 5392 100 70 100 1N 5393 200 140 200 1N 5394 300 210 300 1N 5395 400 280 400 1.5 1N 5396 500 350 500 1N 1N 5397 5398 600 800 420 560 600 800 1N UNIT 5399 V 1000 V 700 1000 V
A
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Lengths @TL=70 C Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (JEDEC Method) Maximum forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
SYMBOL
VRRM VRMS VDC IAV)
IFSM VF IR
35 1.1 5.0 50
15
A
V uA pF C/W
@TJ =25 C @TJ =100 C
CJ
R0JL
50 -55 to +150 -55 to +150
TJ TSTG
C C
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to Lead .
CTC0142 Ver. 2.0
1 of 2
1N5391 thru 1N5399
Compact Technology
1N5391 thru 1N5399
RATINGS AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT (A)
1.5 1.2 .9 .6 .3 0 0 25 50 75 100 125 O AMBIENT TEMPERATURE. ( C) 150 175
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
INSTANTANEOUS FORWARD CURRENT. (A)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS 20 10
2 1.0
.4
.2 .1 .04 .02 .01 .6
.8
1.0 1.2 FORWARD VOLTAGE. (V)
1.4
1.5
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 50 40 30 20 10 0 INSTANTANEOUS REVERSE CURRENT. (uA)
FIG.4- TYPICAL REVERSE CHARACTERISTICS 10
4
Tj=100 OC
1.0
.4
1
2
4 6 8 10 20 40 6 0 80 100 NUMBER OF CYCLES AT 60Hz
.1
Tj=25 OC
.04
FIG.5- TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE.(pF) 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 REVERSE VOLTAGE. (V) 20 40 100
Tj=25 OC
.01
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
CTC0142 Ver. 2.0
2 of 2
1N5391 thru 1N5399


▲Up To Search▲   

 
Price & Availability of 1N53911

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X